Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3955 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN3955
Description  This document describes
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3955 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN3955 Datasheet HTML 9Page - STMicroelectronics AN3955 Datasheet HTML 10Page - STMicroelectronics AN3955 Datasheet HTML 11Page - STMicroelectronics AN3955 Datasheet HTML 12Page - STMicroelectronics AN3955 Datasheet HTML 13Page - STMicroelectronics AN3955 Datasheet HTML 14Page - STMicroelectronics AN3955 Datasheet HTML 15Page - STMicroelectronics AN3955 Datasheet HTML 16Page - STMicroelectronics AN3955 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
AN3955
CR95HF low level layer
Doc ID 022017 Rev 1
13/68
4
CR95HF low level layer
For a brief description of CR95HF, refer to Section 3.1: CR95HF overview.
This layer is composed of:
●
the lib_CR95HF.c source file
●
the lib_CR95HF.h include file
4.1
Types
The CR95HF library functions use the following ANSI C compliant types:
typedef
unsigned char
uint8_t;
typedef
signed char
int8_t;
typedef
const uint8_t
uc8;
typedef
signed short int
int16_t;
4.2
Definition
The layer supports all the commands defined in the CR95HF datasheet. Each CR95HF
command corresponds to a specific function. As an example, the function calling the ECHO
command is int8_t CR95HF_Echo (uint8_t *pResponse).
Additional functions are described in Table 3: CR95HF layer additional functions.
Application developers can use the functions described in Table 2: CR95HF layer functions
based on CR95HF commands to create their own higher level functions.
For more details about commands, refer to the CR95HF datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68