| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3955 Fiches technique(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3955 Fiches technique(HTML) 35 Page - STMicroelectronics |
|
35 / 68 page ![]() AN3955 ISO/IEC 14443-3 layers Doc ID 022017 Rev 1 35/68 The ISO14443A_Is14443_4Compatible function returns RESULTOK if the bit Contactless Tag is compliant with ISO/IEC 14443_4. Otherwise, the ISO14443A_Is14443_4Compatible function returns ERRORCODE_GENERIC. Table 47 describes the ISO14443A_Is14443_4Compatible function. Table 47. ISO14443A_Is14443_4Compatible function description The ISO14443A_IsUIDComplete function returns RESULTOK if the UID is complete. Otherwise, the ISO14443A_IsUIDComplete function returns ERRORCODE_GENERIC. Table 48 describes the ISO14443A_IsUIDComplete function. Table 48. ISO14443A_IsUIDComplete function description The ISO14443A_IsPresent function returns RESULTOK if a 14443 Type A contactless tag is present into RF field. Otherwise, the ISO14443A_IsPresent function returns ERRORCODE_GENERIC . Table 49 describes the ISO14443A_IsPresent function. Table 49. ISO14443A_IsPresent function description Prototype int8_t ISO14443A_Is14443_4Compatible(uc8 SAKbyte); Input parameter SAKbyte: Contactless tag response to the Select command Output parameter None Return parameter RESULTOK: The contactless tag is compatible with ISO/IEC 14443_4. ERRORCODE_GENERIC: The contactless tag is not compatible with the ISO/IEC 14443_4. Prototype int8_t ISO14443A_IsUIDComplete(uc8 SAKbyte); Input parameter SAKbyte: Contactless tag response to select command Output parameter None Return parameter RESULTOK: UID is complete. The anti-collision loop is over. ERRORCODE_GENERIC: UID is not complete. Prototype int8_tISO14443A_IsPresent (void); Input parameter None Output parameter None Return parameter RESULTOK: An ISO/IEC 14443 Type A contactless tag is present. ERRORCODE_GENERIC: No ISO/IEC 14443 Type A contactless tag available |