Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3955 Fiches technique(PDF) 48 Page - STMicroelectronics

No de pièce AN3955
Description  This document describes
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3955 Fiches technique(HTML) 48 Page - STMicroelectronics

Back Button AN3955 Datasheet HTML 44Page - STMicroelectronics AN3955 Datasheet HTML 45Page - STMicroelectronics AN3955 Datasheet HTML 46Page - STMicroelectronics AN3955 Datasheet HTML 47Page - STMicroelectronics AN3955 Datasheet HTML 48Page - STMicroelectronics AN3955 Datasheet HTML 49Page - STMicroelectronics AN3955 Datasheet HTML 50Page - STMicroelectronics AN3955 Datasheet HTML 51Page - STMicroelectronics AN3955 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
SRIX4K library
AN3955
48/68
Doc ID 022017 Rev 1
6
SRIX4K library
For a brief description of SRIX4K library, refer to Section 3.3: SRIX4K product overview.
The SRIX4K library is composed of:
●
the lib_SRX4K.c source file
●
the lib_SRX4K.h include file
This library is valid for all SRIX series.
6.1
SRIX4K command format
The SRIX4K is compliant with the frame format specified in Section 5.2.1: ISO/IEC 14443-3
Type B command format.
6.1.1
SRIX4K CR16 management
The ISO/IEC 14443-3 Type B specification defines a two-byte CRC. It is appended to RF
commands to check the data transmission between CR95HF and a contactless tag.
The CRC is managed by the first bit of parameter byte of ProtocolSelect (CR95HF layer)
command. If it is set, the CR95HF appends the CRC to RF commands.
The SRIX4K_ProtocolSelect function sets this function, so the CR95HF manages the
CRC.
6.1.2
Functions of SRIX4K layer
The SRIX4K_ProtocolSelect function permits to configure the CR95HF to
communicate with an SRI contactless tag.
Table 73describes the SRIX4K_ProtocolSelect function.
Table 73.
SRIX4K_ProtocolSelect function description
Table 74 lists the functions of this layer which emit a command described in SRIX4K
datasheet.
Table 74.
Commands included in the lib_SRIX4k.c file
For more information, refer to the SRIX4K datasheet.
SRIX4K_ProtocolSelect
Configures CR95HF to communicate with an SRI contactless tag.
Function
Description
SRIX4K_Initiate
Sends an Initiate command to a contactless tag.
SRIX4K_Pcall16
Sends an Pcall16 command to a contactless tag.
SRIX4K_SlotMarker
Sends a SlotMarker command to a contactless tag.
SRIX4K_SelectChipID
Sends a SelectChipID command to a contactless tag.
SRIX4K_Completion
Sends a Completion command to a contactless tag.
SRIX4K_ResetToInventory
Sends a ResetToInventory command to a contactless tag.
SRIX4K_ReadSingleBlock
Sends a ReadSingleBlock command to a contactless tag.
SRIX4K_WriteSingleBlock
Sends a WriteSingleBlock command to a contactless tag.
SRIX4K_GetUID
Sends a GetUID command to a contactless tag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68