Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3955 Fiches technique(PDF) 64 Page - STMicroelectronics

No de pièce AN3955
Description  This document describes
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3955 Fiches technique(HTML) 64 Page - STMicroelectronics

Back Button AN3955 Datasheet HTML 60Page - STMicroelectronics AN3955 Datasheet HTML 61Page - STMicroelectronics AN3955 Datasheet HTML 62Page - STMicroelectronics AN3955 Datasheet HTML 63Page - STMicroelectronics AN3955 Datasheet HTML 64Page - STMicroelectronics AN3955 Datasheet HTML 65Page - STMicroelectronics AN3955 Datasheet HTML 66Page - STMicroelectronics AN3955 Datasheet HTML 67Page - STMicroelectronics AN3955 Datasheet HTML 68Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 64 / 68 page
background image
Project example
AN3955
64/68
Doc ID 022017 Rev 1
7.4.2
Detect an ISO/IEC 14443-3 Type A tag function
The ISO14443A_IsPresent function is used to detect an ISO/IEC 14443-3 Type A
contactless tag.
The following table describes how the ISO14443A_IsPresent function detects an
ISO/IEC 14443-3 Type A contactless tag.
Figure 7 described how to detect an ISO/IEC 14443-3 Type A tag.
The name of the used function is User_Get14443Atag (main.c).
Figure 7.
Flowchart of User detects an ISO/IEC 14443-3 Type A tag
Table 101.
Detection of an ISO/IEC 14443-3 Type A contactless tag
Step
Action
1
The ISO14443A_IsPresent function configures the CR95HF to communicate with
an ISO/IEC 14443-3 Type A contactless tag.
2
If a tag has been detected, it selects the tag by using the Advanced function
ISO14443A_SelectSequence
.
3
It gets the UID. The user function is an Advanced function ISO14443A_GetUID.
MS19955V1
Start
END
Select 14443-3
type A protocol
Send A REQA
command
Select a tag
Get UID
Tag
response ?
No
Yes
Tag selected ?
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68