Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3955 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce AN3955
Description  This document describes
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3955 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button AN3955 Datasheet HTML 10Page - STMicroelectronics AN3955 Datasheet HTML 11Page - STMicroelectronics AN3955 Datasheet HTML 12Page - STMicroelectronics AN3955 Datasheet HTML 13Page - STMicroelectronics AN3955 Datasheet HTML 14Page - STMicroelectronics AN3955 Datasheet HTML 15Page - STMicroelectronics AN3955 Datasheet HTML 16Page - STMicroelectronics AN3955 Datasheet HTML 17Page - STMicroelectronics AN3955 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
CR95HF low level layer
AN3955
14/68
Doc ID 022017 Rev 1
4.3
CR95HF layer functions
The tables below introduce the functions available in the CR95HF layer.
.
Table 2.
CR95HF layer functions based on CR95HF commands
Function name
Brief description
CR95HF_IDN
Sends an IDN command to CR95HF device. It returns its version
number. For more details about CR95HF_IDN function, refer to
Section 4.4: IDN function.
CR95HF_Echo
Sends an Echo command to CR95HF device which returns an Echo
response. The Echo function checks if communications can be
started between the MCU and the CR95HF. For more details about
CR95HF_Echo
function, refer to Section 4.5: ECHO function.
CR95HF_ProtocolSelect
Sends a ProtocolSelect command to CR95HF device. It selects the
RF communication protocol, configures RF parameters and switches
the RF field on. For more details about CR95HF_ProtocolSelect
function, refer to Section 4.6: ProtocolSelect function.
CR95HF_SendRecv
Sends a SendRecv command. The parameter sent to the command
is the frame which is coded according to the protocol previously
selected by issuing a ProtocolSelect command. For more details
about CR95HF_SendRecv function, refer to Section 4.7: SendRecv
function.
CR95HF_Idle
Sends an Idle command to the CR95HF device to switch it into low
consumption mode. For more details about CR95HF_Idle function,
refer to Section 4.8: Idle function.
CR95HF_RdReg
Sends a ReadRegister command to the CR95HF device to read the
CR95HF internal register. For more details about CR95HF_RdReg
function, refer to Section 4.9: RdReg function.
CR95HF_BaudRate
Sends a Baudrate command to the CR95HF device. It changes the
CR95HF UART baudrate. For more details about
CR95HF_BaudRate
function, refer to Section 4.10: BaudRate
function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68