| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3955 Fiches technique(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3955 Fiches technique(HTML) 44 Page - STMicroelectronics |
|
44 / 68 page ![]() ISO/IEC 14443-3 layers AN3955 44/68 Doc ID 022017 Rev 1 The ISO14443B_Attrib function sends an Attrib command to a contactless tag. Table 67 describes the ISO14443B_Attrib function. Table 67. ISO14443B_Attrib function description The ISO14443B_HLTB function sends an HLTB command to a contactless tag. Table 68 describes the ISO14443B_HLTB function. Table 68. ISO14443B_HLTB function description Prototype int8_t ISO14443B_Attrib(uc8 *Identifier, uc8 *Parameters, uc8 NbByteHigherlayerData, uc8*HigherLayerData, uint8_t *pResponse); Input parameter Identifier: Pointer to the identifier parameter (4 bytes). It is the value of the PUPI sent by contactless tag in the ATQB. Parameters input: Pointer on Parameters parameter (4 bytes) NbByteHigherlayerData: Number of bytes of HigherLayesDataparameter HigherLayersData: Pointer on Parameters parameter (NBByteHigherlayerDatabytes (optional)) Output parameter pResponse: Pointer to the CR95HF response Return parameter RESULTOK: Function is successful. The command is successfully emitted to contactless tag. CR95HF_ERROR_CODE: Function failed. The CR95HF returns an errror code. Prototype int8_t ISO14443B_HLTB(uc8 *Identifier, uc8 *Identifier, uint8_t *pResponse); Input parameter Identifier: Pointer on identifier parameter (4 bytes). It is the value of the PUPI sent by a contactless tag in the ATQB contactless tag. Output parameter pResponse: Pointer to the CR95HF response Return parameter RESULTOK: Function is successful. The HLTB command was successfully transmitted to a contactless tag. CR95HF_ERROR_CODE: Function failed. The CR95HF returns an errror code. |