Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR320 Fiches technique(PDF) 49 Page - STMicroelectronics

No de pièce SPEAR320
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320 Fiches technique(HTML) 49 Page - STMicroelectronics

Back Button SPEAR320 Datasheet HTML 45Page - STMicroelectronics SPEAR320 Datasheet HTML 46Page - STMicroelectronics SPEAR320 Datasheet HTML 47Page - STMicroelectronics SPEAR320 Datasheet HTML 48Page - STMicroelectronics SPEAR320 Datasheet HTML 49Page - STMicroelectronics SPEAR320 Datasheet HTML 50Page - STMicroelectronics SPEAR320 Datasheet HTML 51Page - STMicroelectronics SPEAR320 Datasheet HTML 52Page - STMicroelectronics SPEAR320 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
SPEAr320
Electrical characteristics
Doc ID 16755 Rev 5
49/73
6.8
Removing power supplies for power saving
It is recommended to remove the the power supplies in the order shown in Figure 5. So VDD
3.3
supply is to be removed first, then the VDD 2.5 supply, followed by the VDD 1.8 supply and
last the VDD 1.2. The minimum time (Δt) between each power down is >0 µs.
Figure 5.
Power-down sequence
6.9
Power on reset (MRESET)
The MRESET must remain active for at least 10 ms after all the power supplies are in the
correct range and should become active in no more than 10 µs when one of the power
supplies goes out of the correct range.
Power-down sequence
VDD 1.2
VDD1.8
VDD 2.5
VDD 3.3
t
t
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73