Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR320 Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce SPEAR320
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320 Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button SPEAR320 Datasheet HTML 11Page - STMicroelectronics SPEAR320 Datasheet HTML 12Page - STMicroelectronics SPEAR320 Datasheet HTML 13Page - STMicroelectronics SPEAR320 Datasheet HTML 14Page - STMicroelectronics SPEAR320 Datasheet HTML 15Page - STMicroelectronics SPEAR320 Datasheet HTML 16Page - STMicroelectronics SPEAR320 Datasheet HTML 17Page - STMicroelectronics SPEAR320 Datasheet HTML 18Page - STMicroelectronics SPEAR320 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 73 page
background image
SPEAr320
Architecture overview
Doc ID 16755 Rev 5
15/73
3.9
Ethernet controllers
SPEAr320 features three multiplexed Ethernet MACs, supporting up to two ports
concurrently.
The three controllers are named:
●
MII0
●
SMII0
●
SMII1/MII1
Table 2.
Ethernet port multiplexing
Configuration mode
(see Section 4.3.2:
Configuration modes)
Available interfaces
Interface name
Mode 1 or Mode 4
2 x SMII
SMII0 + SMII1
Mode 1 or Mode 4 with MII0
alternate I/O functions enabled
1 x SMII + 1 x MII
SMII0+ MII0
Mode 2
with MII0 alternate I/O functions
enabled
2 x MII
MII1 + MII0
Mode 3
1 x SMII
SMII0
Mode 3
with MII0 alternate I/O functions
enabled
1 x MII
MII0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73