| Moteur de recherche de fiches techniques de composants électroniques |
|
SPEAR320 Fiches technique(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPEAR320 Fiches technique(HTML) 43 Page - STMicroelectronics |
|
43 / 73 page ![]() SPEAr320 Memory map Doc ID 16755 Rev 5 43/73 0xFC00.0000 0xFC1F.FFFF Serial Flash controller 0xFC20.0000 0xFC3F.FFFF - Reserved 0xFC40.0000 0xFC5F.FFFF DMA controller 0xFC60.0000 0xFC7F.FFFF DRAM controller 0xFC80.0000 0xFC87.FFFF Timer 1 0xFC88.0000 0xFC8F.FFFF Watchdog timer 0xFC90.0000 0xFC97.FFFF Real time clock 0xFC98.0000 0xFC9F.FFFF basGPIO 0xFCA0.0000 0xFCA7.FFFF System controller 0xFCA8.0000 0xFCAF.FFFF Miscellaneous registers 0xFCB0.0000 0xFCB7.FFFF Timer 2 0xFCB8.0000 0xFCFF.FFFF - Reserved 0xFD00.0000 0xFEFF.FFFF - Reserved 0xFF00.0000 0xFFFF.FFFF BootROM Table 15. Reconfigurable array subsystem memory map Start address End address Peripheral Description 0x4000_0000 0x47FF_FFFF EMI 0x4800_0000 0x4BFF_FFFF - Reserved 0x4C00_0000 0x5FFF_FFFF FSMC 0x6000_0000 0x6FFF_FFFF - Reserved 0x7000_0000 0x7FFF_FFFF SDIO 0x8000_0000 0x8000_3FFF Boot memory 0x8000_4000 0x8FFF_FFFF - Reserved 0x9000_0000 0x9FFF_FFFF CLCD 0xA000_0000 0xA0FF_FFFF Parallel port 0xA100_0000 0xA1FF_FFFF CAN0 0xA200_0000 0xA2FF_FFFF CAN1 0xA300_0000 0xA3FF_FFFF UART1 0xA400_0000 0xA4FF_FFFF UART2 0xA500_0000 0xA5FF_FFFF SSP1 0xA600_0000 0xA6FF_FFFF SSP2 0xA700_0000 0xA7FF_FFFF I2C1 0xA800_0000 0xA8FF_FFFF Quad PWM timer 0xA900_0000 0xA9CF_FFFF GPIO Table 14. SPEAr320 main memory map (continued) Start address End address Peripheral Description |