Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR320 Fiches technique(PDF) 59 Page - STMicroelectronics

No de pièce SPEAR320
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320 Fiches technique(HTML) 59 Page - STMicroelectronics

Back Button SPEAR320 Datasheet HTML 55Page - STMicroelectronics SPEAR320 Datasheet HTML 56Page - STMicroelectronics SPEAR320 Datasheet HTML 57Page - STMicroelectronics SPEAR320 Datasheet HTML 58Page - STMicroelectronics SPEAR320 Datasheet HTML 59Page - STMicroelectronics SPEAR320 Datasheet HTML 60Page - STMicroelectronics SPEAR320 Datasheet HTML 61Page - STMicroelectronics SPEAR320 Datasheet HTML 62Page - STMicroelectronics SPEAR320 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 73 page
background image
SPEAr320
Timing requirements
Doc ID 16755 Rev 5
59/73
7.8
SDIO timing characteristics
Figure 18.
SDIO timing diagram
Table 39.
SDIO timings
Symbol
Description
Min
Max
Unit
tCK
SD_CLK clock period
20.8
41.6
ns
tD
SD_CLK to SD output delay
6.14
7.79
tS
Setup time requirement for SD inputs
9.65
tH
Hold time requirement for SD inputs
-1.9
tCK
tD
SD_CLK
SD_DATx
SD_WP
SD_CMD
SD_LED
SD_CD
SD_DATx
(input)
tS
tH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73