Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR320 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce SPEAR320
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button SPEAR320 Datasheet HTML 13Page - STMicroelectronics SPEAR320 Datasheet HTML 14Page - STMicroelectronics SPEAR320 Datasheet HTML 15Page - STMicroelectronics SPEAR320 Datasheet HTML 16Page - STMicroelectronics SPEAR320 Datasheet HTML 17Page - STMicroelectronics SPEAR320 Datasheet HTML 18Page - STMicroelectronics SPEAR320 Datasheet HTML 19Page - STMicroelectronics SPEAR320 Datasheet HTML 20Page - STMicroelectronics SPEAR320 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 73 page
background image
SPEAr320
Architecture overview
Doc ID 16755 Rev 5
17/73
●
Hash matching of unicast and multicast destination addresses
●
External address matching of received frames
●
Physical layer management through MDIO interface
●
Supports serial network interface operation
●
Half duplex flow control by forcing collisions on incoming frames
●
Full duplex flow control with recognition of incoming pause frames and hardware
generation of transmitted pause frames
●
Support for 802.1Q VLAN tagging with recognition of incoming VLAN and priority
tagged frames
●
Multiple buffers per receive and transmit frame
●
Wake on LAN support
●
Jumbo frames of up to 10240 bytes supported
●
Configurable Endianess for the DMA Interface (AHB Master)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73