Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

nechip Fiches technique(PDF) 73 Page - List of Unclassifed Manufacturers

No de pièce nechip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

nechip Fiches technique(HTML) 73 Page - List of Unclassifed Manufacturers

Back Button nechip Datasheet HTML 69Page - List of Unclassifed Manufacturers nechip Datasheet HTML 70Page - List of Unclassifed Manufacturers nechip Datasheet HTML 71Page - List of Unclassifed Manufacturers nechip Datasheet HTML 72Page - List of Unclassifed Manufacturers nechip Datasheet HTML 73Page - List of Unclassifed Manufacturers nechip Datasheet HTML 74Page - List of Unclassifed Manufacturers nechip Datasheet HTML 75Page - List of Unclassifed Manufacturers nechip Datasheet HTML 76Page - List of Unclassifed Manufacturers nechip Datasheet HTML 77Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 73 / 77 page
background image
CONEXTOP NEPORT User Manual
Chapter 7 DeviceManagement
7-3
7.1.2 Shortcuts Field
Figure 7-2 shortcuts field of DeviceManagement
The shortcuts field is consist of Icons, every Icon stands for a shortcut of a menu item. You
can simple click on the Icon instead of clicking on the menu item.
7.1.3 Devices List View
Figure 7-3 device list view of DeviceManagement
Every item in the list view stands for a device in the LAN. It shows the name, IP address,
physical address of the device to distinguish each other.
When an item is selected, it will be highlighted. You can operate it by menu items, or by
shortcuts, or click the right button of mouse then select from the context menu. The content of
context menu is the same as the main menu. The details of the menu items is descript in section
7.1.1.
Caution:
The IP address and physical address are the features of devices, must different with others, if there
is two devices have the same features, unknown problems will occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77