Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

nechip Fiches technique(PDF) 64 Page - List of Unclassifed Manufacturers

No de pièce nechip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

nechip Fiches technique(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button nechip Datasheet HTML 60Page - List of Unclassifed Manufacturers nechip Datasheet HTML 61Page - List of Unclassifed Manufacturers nechip Datasheet HTML 62Page - List of Unclassifed Manufacturers nechip Datasheet HTML 63Page - List of Unclassifed Manufacturers nechip Datasheet HTML 64Page - List of Unclassifed Manufacturers nechip Datasheet HTML 65Page - List of Unclassifed Manufacturers nechip Datasheet HTML 66Page - List of Unclassifed Manufacturers nechip Datasheet HTML 67Page - List of Unclassifed Manufacturers nechip Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 77 page
background image
CONEXTOP NEPORT User Manual
Chapter 6 AT Command
6-1
Chapter 6 AT Command
AT command is a set of communication protocols between a host computer and devices. AT
originated in the word "Attention", it was first used for communication between terminal and
modem, and then latter gradually evolved into industry standards for communications equipment.
NEPORT series products expands it, support the use of AT commands to configure device
parameters and network connectivity and so on.
6.1 AT commands for parameters setting
Please refer to the CONEXTOP NEPORT AT commands to get the detail description of AT
commands.
6.1.1 Basic Settings
command
contents
AT!BC
WEB and TELENT console switch
AT!BDN
Set the name of device
AT!BTS
Set time related parameters.
Table 6-1 AT commands for basic settings
6.1.2 Network
command
contents
AT!EC
Ethernet settings
AT!IC
IP address obtain methods settings
AT!AIC
Automatically obtain IP address settings
Table 6-2 AT commands for network
6.1.3 PPPoE
command
contents
AT!PC
PPPoE dial-up settings
AT!PS
PPPoE status query
Table 6-3 AT commands for PPPoE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77