Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

nechip Fiches technique(PDF) 67 Page - List of Unclassifed Manufacturers

No de pièce nechip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

nechip Fiches technique(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button nechip Datasheet HTML 63Page - List of Unclassifed Manufacturers nechip Datasheet HTML 64Page - List of Unclassifed Manufacturers nechip Datasheet HTML 65Page - List of Unclassifed Manufacturers nechip Datasheet HTML 66Page - List of Unclassifed Manufacturers nechip Datasheet HTML 67Page - List of Unclassifed Manufacturers nechip Datasheet HTML 68Page - List of Unclassifed Manufacturers nechip Datasheet HTML 69Page - List of Unclassifed Manufacturers nechip Datasheet HTML 70Page - List of Unclassifed Manufacturers nechip Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 77 page
background image
CONEXTOP NEPORT User Manual
Chapter 6 AT Command
6-4
6.1.13 SNMP
command
Contents
Table 6-13 AT commands for SNMP
6.1.14 Password Setting
command
contents
AT!UM
Use manage
Table 6-14 AT commands for password setting
6.1.15 Special command
command
contents
AT!V
Show all the AT command
AT!EXIT
Quit AT command mode
AT!LD
Load factory value
AT!R
Save and reset device
AT!S
Save the parameters
AT!SL
Enter the serial login mode
Table 6-15 special AT command
6.2 FTP AT command
NEPORT series supports the use of AT commands for the operation of FTP client, provides
traditional industries devices with the FTP client function. Users only need to send AT commands
through the serial port, and then can achieve a two-way file transmission between storage systems
of the NEPORT series products, FTP servers and local.
Figure 6-1 using AT command for FTP Scenarios



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77