Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

nechip Fiches technique(PDF) 70 Page - List of Unclassifed Manufacturers

No de pièce nechip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

nechip Fiches technique(HTML) 70 Page - List of Unclassifed Manufacturers

Back Button nechip Datasheet HTML 66Page - List of Unclassifed Manufacturers nechip Datasheet HTML 67Page - List of Unclassifed Manufacturers nechip Datasheet HTML 68Page - List of Unclassifed Manufacturers nechip Datasheet HTML 69Page - List of Unclassifed Manufacturers nechip Datasheet HTML 70Page - List of Unclassifed Manufacturers nechip Datasheet HTML 71Page - List of Unclassifed Manufacturers nechip Datasheet HTML 72Page - List of Unclassifed Manufacturers nechip Datasheet HTML 73Page - List of Unclassifed Manufacturers nechip Datasheet HTML 74Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 77 page
background image
CONEXTOP NEPORT User Manual
Chapter 6 AT Command
6-7
Begin
Send write file
command, waiting
for 2s
Return OK?
YES
Writen length = 0?
YES
YES(retransmit)
NO
Sequence add 1
close
end
TIMEOUT
NO
NO
YES
Write file abort
Open file success?
Send sequence = 0
Continue?
NO
YES
Figure 6-3 using AT command to write to file



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77