Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

nechip Fiches technique(PDF) 68 Page - List of Unclassifed Manufacturers

No de pièce nechip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

nechip Fiches technique(HTML) 68 Page - List of Unclassifed Manufacturers

Back Button nechip Datasheet HTML 64Page - List of Unclassifed Manufacturers nechip Datasheet HTML 65Page - List of Unclassifed Manufacturers nechip Datasheet HTML 66Page - List of Unclassifed Manufacturers nechip Datasheet HTML 67Page - List of Unclassifed Manufacturers nechip Datasheet HTML 68Page - List of Unclassifed Manufacturers nechip Datasheet HTML 69Page - List of Unclassifed Manufacturers nechip Datasheet HTML 70Page - List of Unclassifed Manufacturers nechip Datasheet HTML 71Page - List of Unclassifed Manufacturers nechip Datasheet HTML 72Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 77 page
background image
CONEXTOP NEPORT User Manual
Chapter 6 AT Command
6-5
6.2.1 Local and device
command
contents
AT!LFOP
Open a file in device
AT!LFCL
Close a file in device opened
AT!LFRD
Read data from device file
AT!LFWR
Write data to device file
AT!LFLS
List all the files in device
Table 6-16 AT commands for local and device
6.2.2 Local and FTP server
command
contents
AT!RCOP
Open a ftp connection and login from local
AT!RCCL
Close a ftp connection from local
AT!RFOP
Open a file on FTP server from local
AT!RFCL
Close a file on FTP server from local
AT!RFRD
Read data from file on FTP server from local
AT!RFWR
Write data to file on FTP server from local
AT!RFLS
List all the files on FTP server from local
Table 6-17 AT commands for local and FTP server
6.2.3 Device and FTP server
command
contents
AT!RCOP
Open a ftp connection and login from device
AT!RCCL
Close a ftp connection from device
AT!RFPUT
Write data to file on FTP server from device
AT!RFGET
Read data from file on FTP server from device
Table 6-18 AT commands for device and FTP server
6.2.4 Read file procedure
Whether to read file data from the device to the local, or read the file from the FTP server
data to local, in addition to differences in the command format, the same process has been
followed. First of all, to open the file, and then read from a data file, in order to distinguish
between the data blocks, the read file data command must carry the serial number of data blocks,
if failed to read, the same piece of data can be read again, prevent the loss of data blocks; close the
file when finish, otherwise an error will occur when read and write documents again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77