Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

nechip Fiches technique(PDF) 69 Page - List of Unclassifed Manufacturers

No de pièce nechip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

nechip Fiches technique(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button nechip Datasheet HTML 65Page - List of Unclassifed Manufacturers nechip Datasheet HTML 66Page - List of Unclassifed Manufacturers nechip Datasheet HTML 67Page - List of Unclassifed Manufacturers nechip Datasheet HTML 68Page - List of Unclassifed Manufacturers nechip Datasheet HTML 69Page - List of Unclassifed Manufacturers nechip Datasheet HTML 70Page - List of Unclassifed Manufacturers nechip Datasheet HTML 71Page - List of Unclassifed Manufacturers nechip Datasheet HTML 72Page - List of Unclassifed Manufacturers nechip Datasheet HTML 73Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 77 page
background image
CONEXTOP NEPORT User Manual
Chapter 6 AT Command
6-6
Figure 6-2 using AT command to read data from file
6.2.5 Write to file procedure
The same as reading data from file, whether to write file data to the device, or write the file to
FTP server, in addition to differences in the command format, the same process has been followed.
First of all, to open the file, and then write data to file, in order to distinguish between the data
blocks, the write file data command must carry the serial number of data blocks, if failed to write,
the same piece of data can be send again, prevent the loss of data blocks; close the file when finish,
otherwise an error will occur when read and write documents again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77