Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

nechip Fiches technique(PDF) 34 Page - List of Unclassifed Manufacturers

No de pièce nechip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

nechip Fiches technique(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button nechip Datasheet HTML 30Page - List of Unclassifed Manufacturers nechip Datasheet HTML 31Page - List of Unclassifed Manufacturers nechip Datasheet HTML 32Page - List of Unclassifed Manufacturers nechip Datasheet HTML 33Page - List of Unclassifed Manufacturers nechip Datasheet HTML 34Page - List of Unclassifed Manufacturers nechip Datasheet HTML 35Page - List of Unclassifed Manufacturers nechip Datasheet HTML 36Page - List of Unclassifed Manufacturers nechip Datasheet HTML 37Page - List of Unclassifed Manufacturers nechip Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 77 page
background image
CONEXTOP NEPORT User Manual
Chapter 3 Parameters
3-17
password is changed.
Option value: Mail On/Mail Off.
Default value: Mail Off.
DCD Changed
Whether or not to send a email when the DCD state of modem
port is changed.
Option value: Mail On/Mail Off.
Default value: Mail Off.
DSR Changed
Whether or not to send a email when the DSR state of modem
port is changed.
Option value: Mail On/Mail Off.
Default value: Mail Off.
Table 3-31 normal email trigger event
3.11.2 Message Properties
parameter
contents
Subject
Subject of mail to send.
Option values: any string length less than 31 bytes.
Default value: NULL
Priority
Mail priority.
Option values: High/Low/Normal.
Default value: Normal.
Min.Notification Interval
The minimum time allowed between individual triggers. If a
trigger event occurs within the minimum interval since the last
trigger, it is ignored.
Option value(secs): 0-255
Default value: 0
Table 3-32 normal email trigger message properties
3.12 Input Trigger Settings
3.12.1 Serial Trigger
parameter
contents
Enable Serial Input Trigger
Whether or not to enable email trigger of serial port input.
Option value: Enable/Disable.
Default value: Disable.
Channel
The channel number used as a serial input trigger.
Option value: according to different version of product.
Default value: according to different version of product.
Data Size
Continuous characters number used to trigger email.
Option value: Two Bytes/Three Bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77