Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

nechip Fiches technique(PDF) 65 Page - List of Unclassifed Manufacturers

No de pièce nechip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

nechip Fiches technique(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button nechip Datasheet HTML 61Page - List of Unclassifed Manufacturers nechip Datasheet HTML 62Page - List of Unclassifed Manufacturers nechip Datasheet HTML 63Page - List of Unclassifed Manufacturers nechip Datasheet HTML 64Page - List of Unclassifed Manufacturers nechip Datasheet HTML 65Page - List of Unclassifed Manufacturers nechip Datasheet HTML 66Page - List of Unclassifed Manufacturers nechip Datasheet HTML 67Page - List of Unclassifed Manufacturers nechip Datasheet HTML 68Page - List of Unclassifed Manufacturers nechip Datasheet HTML 69Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 77 page
background image
CONEXTOP NEPORT User Manual
Chapter 6 AT Command
6-2
6.1.4 PPP
command
contents
AT!PSC
PPP dial-up settings
AT!PSS
query PPP status
Table 6-4 AT commands for PPP
6.1.5 GPRS
command
contents
AT!PGC
GPRS dial-up settings
AT!PGS
GPRS status
AT!SUP
SIM/UIM card PIN
AT!WMSC
Mobile service center settings
Table 6-5 AT commands for GPRS
6.1.6 Server Settings
command
contents
AT!HP
Set HTTP server port
AT!SC
Server settings
Table 6-6 AT command for server settings
6.1.7 Host list
command
contents
AT!HC
Host lists retry settings
AT!HHL
Host lists host settings
Table 6-7 AT commands for host list
6.1.8 Serial Settings
command
contents
AT!SP
Whether or not to enable serial port
AT!SPP
Serial port properties
AT!SPPC
Serial port packing settings
Table 6-8 AT commands for serial settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77