Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

nechip Fiches technique(PDF) 35 Page - List of Unclassifed Manufacturers

No de pièce nechip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

nechip Fiches technique(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button nechip Datasheet HTML 31Page - List of Unclassifed Manufacturers nechip Datasheet HTML 32Page - List of Unclassifed Manufacturers nechip Datasheet HTML 33Page - List of Unclassifed Manufacturers nechip Datasheet HTML 34Page - List of Unclassifed Manufacturers nechip Datasheet HTML 35Page - List of Unclassifed Manufacturers nechip Datasheet HTML 36Page - List of Unclassifed Manufacturers nechip Datasheet HTML 37Page - List of Unclassifed Manufacturers nechip Datasheet HTML 38Page - List of Unclassifed Manufacturers nechip Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 77 page
background image
CONEXTOP NEPORT User Manual
Chapter 3 Parameters
3-18
Default value: Two Bytes.
Match Data
Character used to trigger email.
Option value(in hex): 0x00-0xFF
Default value: 0x00
Table 3-33 serial input trigger
3.12.2 Message Properties
parameter
contents
Subject
Subject of mail triggered by serial input data.
Option value: any string length less than 31 bytes.
Default value: NULL
Priority
Priority of mail triggered by serial input data.
Option value: High/Normal/Low.
Default value: Normal.
Min.Notification Interval
The minimum time allowed between individual serial input
triggers. If a trigger event occurs within the minimum interval
since the last trigger, it is ignored.
Option value(secs): 0-255
Default value:0
Table 3-34 serial input trigger message properties
3.13 SNMP
parameter
contents
Disable SNMP
Whether or not disable SNMP.
Option value: YES/NO.
Default value: YES.
Read Community
String used to read SNMP MIB variables.
Option values: any string length less than 17bytes.
Default value: public
Write Community
String used to write SNMP MIB variables.
Option values: any string length less than 17bytes.
Default value: private
Contact Name
Contact name of SNMP MIBII.
Option values: any string length less than 31bytes.
Default value: NULL
Location
Location of SNMP MIBII.
Option values: any string length less than 17bytes.
Default value: Shenzhen
Notification Host
The host IP address of SNMP TRAP message.
Option value: any string in IP address format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77