Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

nechip Fiches technique(PDF) 27 Page - List of Unclassifed Manufacturers

No de pièce nechip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

nechip Fiches technique(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button nechip Datasheet HTML 23Page - List of Unclassifed Manufacturers nechip Datasheet HTML 24Page - List of Unclassifed Manufacturers nechip Datasheet HTML 25Page - List of Unclassifed Manufacturers nechip Datasheet HTML 26Page - List of Unclassifed Manufacturers nechip Datasheet HTML 27Page - List of Unclassifed Manufacturers nechip Datasheet HTML 28Page - List of Unclassifed Manufacturers nechip Datasheet HTML 29Page - List of Unclassifed Manufacturers nechip Datasheet HTML 30Page - List of Unclassifed Manufacturers nechip Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 77 page
background image
CONEXTOP NEPORT User Manual
Chapter 3 Parameters
3-10
3.8 Serial Settings
3.8.1 Enable Serial Port
parameter
contents
Enable Serial Port
Whether or not enable serial port
Option value: Enable/Disable
Default value: Enable
Table 3-16 enable serial port
Caution:
When the serial port is disabled, then it can not be used to send and receive data, also can not use
the AT commands and serial login capabilities via it.
3.8.2 Port Settings
parame
ter
contents
Protoc
ol
Protocol used in serial port communication.
Option values: RS232/RS422/RS485.
Default value: RS232.
FIFO
Serial port hardware FIFO length.
Option values: 4, 8, 16.
Default value: 8
Flow
Contro
l
Option values: None/Software/Hardware.
Default value: None.
Baud
Rate
Serial port baud rate.
Option values(bps):
110/134/150/300/600/1200/1800/2400/4800/7200/9600/14400/19200/38400/57600/11
5200/230400/460800/921600
Default value: 9600
Data
Bits
Data bits used in serial communication.
Option values(bit):8/7/6/5
Default value:9
Parity
Option values: NONE/ODD/EVEN/MARK/SPACE.
Default value: NONE.
Stop
bits
Option values (bit): 0/1.5/2.
Default value: 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77