Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

nechip Fiches technique(PDF) 12 Page - List of Unclassifed Manufacturers

No de pièce nechip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

nechip Fiches technique(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button nechip Datasheet HTML 8Page - List of Unclassifed Manufacturers nechip Datasheet HTML 9Page - List of Unclassifed Manufacturers nechip Datasheet HTML 10Page - List of Unclassifed Manufacturers nechip Datasheet HTML 11Page - List of Unclassifed Manufacturers nechip Datasheet HTML 12Page - List of Unclassifed Manufacturers nechip Datasheet HTML 13Page - List of Unclassifed Manufacturers nechip Datasheet HTML 14Page - List of Unclassifed Manufacturers nechip Datasheet HTML 15Page - List of Unclassifed Manufacturers nechip Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 77 page
background image
CONEXTOP NEPORT User Manual
Chapter 2 Getting Started
2-3
Figure 2-4 terminal type settings
3、When the devices rebooted, input in the terminal with 3 "+" (in intervals of not more than
1s), can enter the device configuration mode.
2.2.2 Remote configuration via network
2.2.2.1 Configure IP address of local PC
To configure TCP/IP manually:
1、In Control Panel, open Network and Dial-up Connections .
2、Right-click the local area connection you want to modify.
3、Select Properties .
4、In the General dialog box, select Internet Protocol (TCP/IP) .
5、Click Properties .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77