Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

nechip Fiches technique(PDF) 14 Page - List of Unclassifed Manufacturers

No de pièce nechip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

nechip Fiches technique(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button nechip Datasheet HTML 10Page - List of Unclassifed Manufacturers nechip Datasheet HTML 11Page - List of Unclassifed Manufacturers nechip Datasheet HTML 12Page - List of Unclassifed Manufacturers nechip Datasheet HTML 13Page - List of Unclassifed Manufacturers nechip Datasheet HTML 14Page - List of Unclassifed Manufacturers nechip Datasheet HTML 15Page - List of Unclassifed Manufacturers nechip Datasheet HTML 16Page - List of Unclassifed Manufacturers nechip Datasheet HTML 17Page - List of Unclassifed Manufacturers nechip Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 77 page
background image
CONEXTOP NEPORT User Manual
Chapter 2 Getting Started
2-5
8、Click OK to save the IP addressing information.
9、Click OK to save the connection properties.
To configure a multihomed system using a single network adapter:
1、In Control Panel, double-click Network and Dial-up Connections .
2、Right-click the local area connection you want to modify, and then select Properties .
3、Add TCP/IP configuration information for the first IP address, as described in Configure IP
Address Manually.
4、Click Advanced .
5、Click Add to enter the IP address and subnet mask for each additional subnet.
2.2.2.2 Configuration via WEB
With integrated WEB server, users can easily access to the NEPORT Series product.
1、Open your browser and type the IP address in address input box and press Enter;
2、when connected successful, You may be prompted for your user name and password. Be
sure to enter your new password.
3、If the user name and password is correct, the main page of device will be opened. The left
part of main page is the index column; the right part is the overview information about the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77