Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

nechip Fiches technique(PDF) 23 Page - List of Unclassifed Manufacturers

No de pièce nechip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

nechip Fiches technique(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button nechip Datasheet HTML 19Page - List of Unclassifed Manufacturers nechip Datasheet HTML 20Page - List of Unclassifed Manufacturers nechip Datasheet HTML 21Page - List of Unclassifed Manufacturers nechip Datasheet HTML 22Page - List of Unclassifed Manufacturers nechip Datasheet HTML 23Page - List of Unclassifed Manufacturers nechip Datasheet HTML 24Page - List of Unclassifed Manufacturers nechip Datasheet HTML 25Page - List of Unclassifed Manufacturers nechip Datasheet HTML 26Page - List of Unclassifed Manufacturers nechip Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 77 page
background image
CONEXTOP NEPORT User Manual
Chapter 3 Parameters
3-6
Max Redial Times
Times of redial when failed to login, Only valid in Dial on
Demand mode.
Option value: 0-255
Default value: 0
Redial Interval
Interval time of redial when failed to login.
Option value: 0-255
Default value: 0
Idle Time
When the dial-up connection is idle after idle time, it will be
compelled to disconnect.
Option value(secs): 0-65535
Default value: 0
COM
Which serial port is used for dial-up.
Option value: vary according to firmware.
Default value: vary according to firmware.
Table 3-8 PPP dial-up
3.4.2 PPP Status
PPPoE status parameters are read-only, to display status of PPPoE dial-up connection.
parameter
contents
Link Status
Status of dial-up connection.
Option value: deactive/linking/active.
Default value: deactive.
PPP IP
IP address of dial-up connection.
PPP Gateway
Gateway of dial-up connection.
PPP DNS1
Preferred DNS address of dial-up connection.
PPP DNS2
Alternative DNS address of dial-up connection.
Table 3-9 PPP status
3.5 GPRS
3.5.1 MSC Settings
parameter
contents
Access Point Name
The
name
used to identify a general
packet
radio
service (GPRS) bearer service in the GSM mobile network.
The APN defines the type of service that is provided in the
packet data connection.
Option values: Any string provided by mobile operator.
Default value: CMNET
Service Code
Dial string.
Option values: any string provided by mobile operator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77