Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7058 Fiches technique(PDF) 150 Page - ams-OSRAM AG

No de pièce AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Fiches technique(HTML) 150 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 146Page - ams-OSRAM AG AS7058 Datasheet HTML 147Page - ams-OSRAM AG AS7058 Datasheet HTML 148Page - ams-OSRAM AG AS7058 Datasheet HTML 149Page - ams-OSRAM AG AS7058 Datasheet HTML 150Page - ams-OSRAM AG AS7058 Datasheet HTML 151Page - ams-OSRAM AG AS7058 Datasheet HTML 152Page - ams-OSRAM AG AS7058 Datasheet HTML 153Page - ams-OSRAM AG AS7058 Datasheet HTML 154Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 199 page
background image
AS7058
Register description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
150 / 199
/
8.12.6
PPG_FREQH (Address 0x9a)
Table 150: PPG_FREQH register
Addr: 0x9a
PPG_FREQH
Bit
Bit name
Default
Access
Bit description
7:0
ppg_freq[15:8]
79
RW
See PPG_FREQL (Address 0x99).
8.12.7
PPG1_SUB_EN (Address 0x9b)
Table 151: PPG1_SUB_EN register
Addr: 0x9b
PPG1_SUB_EN
Bit
Bit name
Default
Access
Bit description
7:0
ppg1_sub_en
0
RW
Enable subsamples for Modulator1.
Bit 0 to 7 enable or disable subsample 1 to 8.
8.12.8
PPG2_SUB_EN (Address 0x9c)
Table 152: PPG2_SUB_EN register
Addr: 0x9c
PPG2_SUB_EN
Bit
Bit name
Default
Access
Bit description
7:0
ppg2_sub_en
0
RW
Enable subsamples for Modulator2.
Bit 0 to 7 enable or disable subsample 1 to 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More