| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7058 Fiches technique(PDF) 149 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7058 Fiches technique(HTML) 149 Page - ams-OSRAM AG |
|
149 / 199 page ![]() AS7058 Register description Datasheet • PUBLIC • Document Feedback DS001077 • v2-00 • 2025-Sep-24 149 / 199 / 8.12.3 PPG_SAR_WAIT (Address 0x97) Table 147: PPG_SAR_WAIT register Addr: 0x97 PPG_SAR_WAIT Bit Bit name Default Access Bit description 7:0 sar_wait 0 RW Distance between the SAR measurements; N * 1 µs 8.12.4 PPG_LED_INIT (Address 0x98) Table 148: PPG_LED_INIT register Addr: 0x98 PPG_LED_INIT Bit Bit name Default Access Bit description 7:0 led_init 0 RW t_LED_INIT = N * 1µs with N = 0 ... 255 8.12.5 PPG_FREQL (Address 0x99) Table 149: PPG_FREQL register Addr: 0x99 PPG_FREQL Bit Bit name Default Access Bit description 7:0 ppg_freq[7:0] 79 RW PPG Sample period sequence: T(SEQ) = (n+1) * 31.25 µs f(SEQ) = 1/((n+1) * 31.25 µs) |