Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7058 Fiches technique(PDF) 136 Page - ams-OSRAM AG

No de pièce AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Fiches technique(HTML) 136 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 132Page - ams-OSRAM AG AS7058 Datasheet HTML 133Page - ams-OSRAM AG AS7058 Datasheet HTML 134Page - ams-OSRAM AG AS7058 Datasheet HTML 135Page - ams-OSRAM AG AS7058 Datasheet HTML 136Page - ams-OSRAM AG AS7058 Datasheet HTML 137Page - ams-OSRAM AG AS7058 Datasheet HTML 138Page - ams-OSRAM AG AS7058 Datasheet HTML 139Page - ams-OSRAM AG AS7058 Datasheet HTML 140Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 199 page
background image
AS7058
Register description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
136 / 199
/
8.8.9
ECG2_SINC_CFGB register (Address 0x77)
Table 115: ECG2_SINC_CFGB register
Addr: 0x77
ECG2_SINC_CFGB
Bit
Bit name
Default
Access
Bit description
6:3
ecg2_os_delay
0
RW
The delay after which data is valid for the average
calculation.
2
ecg2_comb_dly_en
0
RW
Enables additional delay in COMB path stage 4.
0: Disable
1: Enable
1
ecg2_sel_order
0
RW
Select the filter order.
0: 4
1: 5
0
ecg2_filter_mode
1
RW
Select the mode of the filter.
0: Integrator mode
1: CIC filter mode
8.8.10
ECG2_SINC_CFGC register (Address 0x78)
Table 116: ECG2_SINC_CFGC register
Addr: 0x78
ECG2_SINC_CFGC
Bit
Bit name
Default
Access
Bit description
7:0
ecg2_start_delay
0
RW
Delay to the Start of decimation
N * MOD_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More