| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7058 Fiches technique(PDF) 134 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7058 Fiches technique(HTML) 134 Page - ams-OSRAM AG |
|
134 / 199 page ![]() AS7058 Register description Datasheet • PUBLIC • Document Feedback DS001077 • v2-00 • 2025-Sep-24 134 / 199 / 8.8.6 ECG1_SINC_CFGB register (Address 0x74) Table 112: ECG1_SINC_CFGB register Addr: 0x74 ECG1_SINC_CFGB Bit Bit name Default Access Bit description 6:3 ecg1_os_delay 0 RW The delay after which data is valid for the average calculation. 2 ecg1_comb_dly_en 0 RW Enables additional delay in COMB path stage 4. 0: Disable 1: Enable 1 ecg1_sel_order 0 RW Select the filter order. 0: 4 1: 5 0 ecg1_filter_mode 1 RW Select the mode of the filter. 0: Integrator mode (COI) 1: CIC filter mode 8.8.7 ECG1_SINC_CFGC register (Address 0x75) Table 113: ECG1_SINC_CFGC register Addr: 0x75 ECG1_SINC_CFGC Bit Bit name Default Access Bit description 7:0 ecg1_start_delay 0 RW Delay to the Start of decimation N * MOD_CLK |