Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7058 Fiches technique(PDF) 127 Page - ams-OSRAM AG

No de pièce AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Fiches technique(HTML) 127 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 123Page - ams-OSRAM AG AS7058 Datasheet HTML 124Page - ams-OSRAM AG AS7058 Datasheet HTML 125Page - ams-OSRAM AG AS7058 Datasheet HTML 126Page - ams-OSRAM AG AS7058 Datasheet HTML 127Page - ams-OSRAM AG AS7058 Datasheet HTML 128Page - ams-OSRAM AG AS7058 Datasheet HTML 129Page - ams-OSRAM AG AS7058 Datasheet HTML 130Page - ams-OSRAM AG AS7058 Datasheet HTML 131Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 199 page
background image
AS7058
Register description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
127 / 199
/
8.7.20
PPG2_AFESEL3 register (Address 0x6c)
Table 104: PPG2_AFESEL3 register
Addr: 0x6c
PPG2_AFESEL3
Bit
Bit name
Default
Access
Bit description
7:4
ppg2_afesel_sub6
0
RW
Source for the AFE Input for MOD2 in subsample 6.
0: PGND0
1: PGND1
2: LED1
3: LED2
4: LED3
5: LED4
6: LED5
7: LED6
8: LED7
9: LED8
10: PGND0
11: PGND1
12: VCSELA
13: VCSELS
14: AGND
15: AGND
3:0
ppg2_afesel_sub5
0
RW
Source for the AFE Input for MOD2 in subsample 5.
0: PGND0
1: PGND1
2: LED1
3: LED2
4: LED3
5: LED4
6: LED5
7: LED6
8: LED7
9: LED8
10: PGND0
11: PGND1
12: VCSELA
13: VCSELS
14: AGND
15: AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More