| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7058 Fiches technique(PDF) 123 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7058 Fiches technique(HTML) 123 Page - ams-OSRAM AG |
|
123 / 199 page ![]() AS7058 Register description Datasheet • PUBLIC • Document Feedback DS001077 • v2-00 • 2025-Sep-24 123 / 199 / 8.7.15 PPG2_PDSEL6 register (Address 0x67) Table 99: PPG2_PDSEL6 register Addr: 0x67 PPG2_PDSEL6 Bit Bit name Default Access Bit description 7 ppg2_pdsel_sub6 0 RW Selects PD8 for MOD2 in subsample 6. 0: Disabled 1: Enabled 6 0 RW Selects PD7 for MOD2 in subsample 6, explanation at bit 7. 5 0 RW Selects PD6 for MOD2 in subsample 6, explanation at bit 7. 4 0 RW Selects PD5 for MOD2 in subsample 6, explanation at bit 7. 3 0 RW Selects PD4 for MOD2 in subsample 6, explanation at bit 7. 2 0 RW Selects PD3 for MOD2 in subsample 6, explanation at bit 7. 1 0 RW Selects PD2 for MOD2 in subsample 6, explanation at bit 7. 0 0 RW Selects PD1 for MOD2 in subsample 6, explanation at bit 7. 8.7.16 PPG2_PDSEL7 register (Address 0x68) Table 100: PPG2_PDSEL7 register Addr: 0x68 PPG2_PDSEL7 Bit Bit name Default Access Bit description 7 ppg2_pdsel_sub7 0 RW Selects PD8 for MOD2 in subsample 7. 0: Disabled 1: Enabled 6 0 RW Selects PD7 for MOD2 in subsample 7, explanation at bit 7. 5 0 RW Selects PD6 for MOD2 in subsample 7, explanation at bit 7. 4 0 RW Selects PD5 for MOD2 in subsample 7, explanation at bit 7. 3 0 RW Selects PD4 for MOD2 in subsample 7, explanation at bit 7. 2 0 RW Selects PD3 for MOD2 in subsample 7, explanation at bit 7. 1 0 RW Selects PD2 for MOD2 in subsample 7, explanation at bit 7. 0 0 RW Selects PD1 for MOD2 in subsample 7, explanation at bit 7. |