| Moteur de recherche de fiches techniques de composants électroniques |
|
OPS2 Fiches technique(PDF) 118 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OPS2 Fiches technique(HTML) 118 Page - ABB |
|
118 / 192 page ![]() — Manual switch-disconnectors OT160...4000 Dimensional drawings 82,5 3.25 125 4.92 3-pole: 213/8.39 4-pole: 267/10.51 11 0.43 5 0.20 32,5 1.28 52 2.05 9,1 0.36 18,1 0.71 mm in 140 5.51 135,2 4.09 104 4.09 M5 25 0.98 43 1.69 54 2.13 54 2.13 28,9 1.14 126 4.96 48,5 1.91 3-pole: 258,9/10.19 4-pole: 312,9/12.32 80,5 3.17 60 2.36 220 8.66 43 1.69 82,5 3.25 125 4.92 3-pole: 213/8.39 4-pole: 267/10.51 11 0.43 5 0.20 32,5 1.28 52 2.05 9,1 0.36 18,1 0.71 mm in 140 5.51 135,2 4.09 104 4.09 M5 25 0.98 43 1.69 54 2.13 54 2.13 28,9 1.14 126 4.96 48,5 1.91 3-pole: 258,9/10.19 4-pole: 312,9/12.32 80,5 3.17 60 2.36 220 8.66 43 1.69 OT400US Without handle 82,5 3.25 3-pole: 213/8.39 4-pole: 267/10.51 11 0.43 5 0.20 32,5 1.28 52 2.05 9,1 0.36 18,1 0.71 119,1 4.69 140 5.51 135,2 5.32 104 4.09 mm in M5 25 0.98 43 1.69 54 2.13 54 2.13 28,9 1.14 126 4.96 48,5 1.91 3-pole: 281.2/11.07 4-pole: 335,4/13.2 80,5 3.17 220 8.66 60 2.36 43 1.69 139,2 5.48 82,5 3.25 3-pole: 213/8.39 4-pole: 267/10.51 11 0.43 5 0.20 32,5 1.28 52 2.05 9,1 0.36 18,1 0.71 119,1 4.69 140 5.51 135,2 5.32 104 4.09 mm in M5 25 0.98 43 1.69 54 2.13 54 2.13 28,9 1.14 126 4.96 48,5 1.91 3-pole: 281.2/11.07 4-pole: 335,4/13.2 80,5 3.17 220 8.66 60 2.36 43 1.69 139,2 5.48 OT400US With direct mount handle Main dimensions mm, inches 118 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 118 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION |