Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L99UDL01 Fiches technique(PDF) 53 Page - STMicroelectronics

No de pièce L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Fiches technique(HTML) 53 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 49Page - STMicroelectronics L99UDL01 Datasheet HTML 50Page - STMicroelectronics L99UDL01 Datasheet HTML 51Page - STMicroelectronics L99UDL01 Datasheet HTML 52Page - STMicroelectronics L99UDL01 Datasheet HTML 53Page - STMicroelectronics L99UDL01 Datasheet HTML 54Page - STMicroelectronics L99UDL01 Datasheet HTML 55Page - STMicroelectronics L99UDL01 Datasheet HTML 56Page - STMicroelectronics L99UDL01 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 88 page
background image
DS12511 Rev 5
53/88
L99UDL01
Serial communications
87
5.18.2
Diagnostics
The L99UDL01 has an high level diagnostic capability. There are general global faults and
specific output faults. The following are faults reported for each of the integrated outputs,
both high side and low side individually:
Overcurrent
Undercurrent
Open load
Output State
Thermal warning
Thermal shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88