Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L99UDL01 Fiches technique(PDF) 51 Page - STMicroelectronics

No de pièce L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Fiches technique(HTML) 51 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 47Page - STMicroelectronics L99UDL01 Datasheet HTML 48Page - STMicroelectronics L99UDL01 Datasheet HTML 49Page - STMicroelectronics L99UDL01 Datasheet HTML 50Page - STMicroelectronics L99UDL01 Datasheet HTML 51Page - STMicroelectronics L99UDL01 Datasheet HTML 52Page - STMicroelectronics L99UDL01 Datasheet HTML 53Page - STMicroelectronics L99UDL01 Datasheet HTML 54Page - STMicroelectronics L99UDL01 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 88 page
background image
DS12511 Rev 5
51/88
L99UDL01
Serial communications
87
5.17.3
Output configuration registers
GRPx registers
There are 2 sets of registers that define what outputs are set to work in parallel. This is
necessary to share current regulation functionality when paralleling outputs. The definitions
provide 2 different groups of outputs (GRP_1-GRP_2). Those outputs not in groups can be
driven individually. They should not be driven in parallel with another output if they are not in
a parallel grouping.
Current/voltage regulation registers
There are 6 separate current / voltage regulation parameters. One parameter for each of the
integrated half bridges.
These parameters define the regulation current or the duty cycle for any of the six integrated
half bridge outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88