| Moteur de recherche de fiches techniques de composants électroniques |
|
TMG49037 Fiches technique(PDF) 52 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMG49037 Fiches technique(HTML) 52 Page - OSRAM GmbH |
|
52 / 79 page ![]() ams Datasheet Page 51 [v1-01] 2019-Aug-20 Document Feedback TMG49037 − Register Description Proximity/Gesture Offset Registers (0xC0 − 0xC7) Proximity/gesture offset values have a range of ±255 and are expressed as 9-bit two’s-complement values. Do not program values outside of this range. Only the lower 9 bits are significant, but the high byte must only be programmed with values of 0x00 (indicates that the low byte has a positive value) or 0xFF (indicates that the low byte has a negative value). Figure 59: Proximity/Gesture Offset Registers Field Register Bits Description OFFSETN 0xC0 7:0 North channel offset low byte 0xC1 15:8 North channel offset high byte OFFSETS 0xC2 7:0 South channel offset low byte 0xC3 15:8 South channel offset high byte OFFSETW 0xC4 7:0 West channel offset low byte 0xC5 15:8 West channel offset high byte OFFSETE 0xC6 7:0 East channel offset low byte 0xC7 15:8 East channel offset high byte |