Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMG49037 Fiches technique(PDF) 76 Page - OSRAM GmbH

No de pièce TMG49037
Description  Gesture, Color and Proximity Sensor Module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG49037 Fiches technique(HTML) 76 Page - OSRAM GmbH

Back Button TMG49037 Datasheet HTML 71Page - OSRAM GmbH TMG49037 Datasheet HTML 72Page - OSRAM GmbH TMG49037 Datasheet HTML 73Page - OSRAM GmbH TMG49037 Datasheet HTML 74Page - OSRAM GmbH TMG49037 Datasheet HTML 75Page - OSRAM GmbH TMG49037 Datasheet HTML 76Page - OSRAM GmbH TMG49037 Datasheet HTML 77Page - OSRAM GmbH TMG49037 Datasheet HTML 78Page - OSRAM GmbH TMG49037 Datasheet HTML 79Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 76 / 79 page
background image
ams Datasheet
Page 75
[v1-01] 2019-Aug-20
Document Feedback
TMG49037 − Document Status
Document Status
Product Status
Definition
Product Preview
Pre-Development
Information in this datasheet is based on product ideas in
the planning phase of development. All specifications are
design goals without any warranty and are subject to
change without notice
Preliminary Datasheet
Pre-Production
Information in this datasheet is based on products in the
design, validation or qualification phase of development.
The performance and parameters shown in this document
are preliminary without any warranty and are subject to
change without notice
Datasheet
Production
Information in this datasheet is based on products in
ramp-up to full production or full production which
conform to specifications in accordance with the terms of
ams AG standard warranty as given in the General Terms of
Trade
Datasheet (discontinued)
Discontinued
Information in this datasheet is based on products which
conform to specifications in accordance with the terms of
ams AG standard warranty as given in the General Terms of
Trade, but these products have been superseded and
should not be used for new designs
Document Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79