Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMG49037 Fiches technique(PDF) 45 Page - OSRAM GmbH

No de pièce TMG49037
Description  Gesture, Color and Proximity Sensor Module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG49037 Fiches technique(HTML) 45 Page - OSRAM GmbH

Back Button TMG49037 Datasheet HTML 41Page - OSRAM GmbH TMG49037 Datasheet HTML 42Page - OSRAM GmbH TMG49037 Datasheet HTML 43Page - OSRAM GmbH TMG49037 Datasheet HTML 44Page - OSRAM GmbH TMG49037 Datasheet HTML 45Page - OSRAM GmbH TMG49037 Datasheet HTML 46Page - OSRAM GmbH TMG49037 Datasheet HTML 47Page - OSRAM GmbH TMG49037 Datasheet HTML 48Page - OSRAM GmbH TMG49037 Datasheet HTML 49Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 79 page
background image
Page 44
ams Datasheet
Document Feedback
[v1-01] 2019-Aug-20
TMG49037 − Register Description
Gesture Configuration Register Zero
(GCFG0 0xB0)
GCFG0 has fields that affect the exit of gesture mode, GMODE.
Figure 48:
Gesture Configuration Register Zero
76543
2
1
0
Reserved
GTHR_MASK
GTHR_OUT_NR
Field
Bits
Description
Reserved
7:6
Reserved.
GTHR_MASK
5:2
Gesture Exit Mask. Controls which gesture channels will be compared to
GTHR_OUT to exit gesture mode, GMODE.
BIT
EXIT MASK
5
Ignore E when exiting GMODE.
4
Ignore W when exiting GMODE.
3
Ignore S when exiting GMODE.
2
Ignore N when exiting GMODE.
GTHR_OUT_NR
1:0
Gesture Exit Persistence. Defines how many consecutive times the gesture
channel data must be below the gesture exit threshold, GTHR_OUT, for the
device to exit gesture mode, GMODE.
VALUE
PERSISTENCE
0
Exit after first occurrence.
1
Exit after 2 consecutive occurrences.
2
Exit after 4 consecutive occurrences.
3
Exit after 8 consecutive occurrences.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79