Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMG49037 Fiches technique(PDF) 50 Page - OSRAM GmbH

No de pièce TMG49037
Description  Gesture, Color and Proximity Sensor Module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG49037 Fiches technique(HTML) 50 Page - OSRAM GmbH

Back Button TMG49037 Datasheet HTML 46Page - OSRAM GmbH TMG49037 Datasheet HTML 47Page - OSRAM GmbH TMG49037 Datasheet HTML 48Page - OSRAM GmbH TMG49037 Datasheet HTML 49Page - OSRAM GmbH TMG49037 Datasheet HTML 50Page - OSRAM GmbH TMG49037 Datasheet HTML 51Page - OSRAM GmbH TMG49037 Datasheet HTML 52Page - OSRAM GmbH TMG49037 Datasheet HTML 53Page - OSRAM GmbH TMG49037 Datasheet HTML 54Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 79 page
background image
ams Datasheet
Page 49
[v1-01] 2019-Aug-20
Document Feedback
TMG49037 − Register Description
Gesture FIFO Buffer Level Register
(GFIFO_LVL 0xBA)
Figure 55:
Gesture FIFO Buffer Level Register
Gesture Status Register (GSTATUS 0xBB)
Figure 56:
Gesture Status Register
76543
2
1
0
GFLVL
Field
Bits
Description
GFIFO_LVL
7:0
Gesture FIFO Buffer Level. Indicates the number of unread NSWE
datasets in the FIFO buffer.
76543
2
1
0
Reserved
GFIFO_OV
GVALID
Field
Bits
Description
Reserved
7:2
Reserved.
GFIFO_OV
1
Gesture FIFO Overflow. Indicates that the FIFO buffer has been filled to
capacity and data may be lost.
GVALID
0
Gesture FIFO Data. Indicates when GFIFO_LVL has exceeded GFIFOTHR.
If enabled, a gesture interrupt (GINT) is asserted at this time. GINT clears
as soon GFIFO_LVL = 0, but GVALID only clears after the gesture event is
over when GFIFO_LVL = 0 and GMODE = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79