| Moteur de recherche de fiches techniques de composants électroniques |
|
TMG49037 Fiches technique(PDF) 40 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMG49037 Fiches technique(HTML) 40 Page - OSRAM GmbH |
|
40 / 79 page ![]() ams Datasheet Page 39 [v1-01] 2019-Aug-20 Document Feedback TMG49037 − Register Description Status Register Two (STATUS2 0x9E) Figure 43: Status Register Two 7 6 543 2 1 0 PVALID AVALID Reserved ASAT_ DIGITAL ASAT_ ANALOG PGSAT_ ADC PGSAT_ REFLECTIVE PGSAT_ AMBIENT Field Bits Description PVALID 7 Proximity Valid. Indicates that the ALS state has completed a cycle since either an assertion of PEN or the last readout of PDATA. AVALID 6 ALS Valid. Indicates that the proximity state has completed a cycle since either an assertion of AEN or the last readout of the CDATAL data register. Reserved 5 Reserved. ASAT_DIGITAL 4 ALS Digital Saturation. Indicates that the maximum counter value has been reached. Maximum counter value depends on integration time set in the ATIME register. ASAT_ANALOG 3 ALS Analog Saturation. Indicates that the intensity of ambient light has exceeded the maximum integration level for the ALS analog circuit. PGSAT_ADC 2 Proximity/Gesture ADC Saturation. Indicates that the maximum ADC value has occurred. PGSAT_REFLECTIVE 1 Proximity/Gesture Reflective Saturation. Indicates that the intensity of reflected light has exceeded the maximum integration level for the proximity analog circuit. PGSAT_AMBIENT 0 Proximity/Gesture Ambient Saturation. Indicates that the intensity of ambient light has exceeded the maximum integration level for the proximity analog circuit. |