Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMG49037 Fiches technique(PDF) 63 Page - OSRAM GmbH

No de pièce TMG49037
Description  Gesture, Color and Proximity Sensor Module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG49037 Fiches technique(HTML) 63 Page - OSRAM GmbH

Back Button TMG49037 Datasheet HTML 59Page - OSRAM GmbH TMG49037 Datasheet HTML 60Page - OSRAM GmbH TMG49037 Datasheet HTML 61Page - OSRAM GmbH TMG49037 Datasheet HTML 62Page - OSRAM GmbH TMG49037 Datasheet HTML 63Page - OSRAM GmbH TMG49037 Datasheet HTML 64Page - OSRAM GmbH TMG49037 Datasheet HTML 65Page - OSRAM GmbH TMG49037 Datasheet HTML 66Page - OSRAM GmbH TMG49037 Datasheet HTML 67Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 79 page
background image
Page 62
ams Datasheet
Document Feedback
[v1-01] 2019-Aug-20
TMG49037 − Register Description
Interrupt Clear Register (INTCLEAR 0xDE)
Figure 69:
Interrupt Clear Register
7654
3
2
1
0
INTCLEAR_
ASAT
INTCLEAR_
PGSAT
INTCLEAR_
PINT
INTCLEAR_
AINT
Reserved
INTCLEAR_
GINT
INTCLEAR_
CINT
Reserved
Field
Bits
Description
INTCLEAR_ASAT
7
Clear Interrupt: Analog Saturation. Clears the analog saturation
interrupt.
INTCLEAR_PGSAT
6
Clear Interrupt: Proximity Saturation. Clears the proximity saturation
interrupt.
INTCLEAR_PINT
5
Clear Interrupt: Proximity. Clears the proximity interrupt.
INTCLEAR_AINT
4
Clear Interrupt: ALS. Clears the ALS interrupt.
Reserved
3
Reserved.
INTCLEAR_GINT
2
Clear Interrupt: Gesture. Must be used to clear the gesture interrupt after
device exits GMODE and GVALID is asserted. If there is a gesture interrupt
because the gesture FIFO level (GFIFO_LVL) is above the gesture FIFO
threshold (GFIFOTHR), INTCLEAR_GINT will not clear the interrupt. To clear
the gesture interrupt in this case, the data in the FIFO must be read.
INTCLEAR_CINT
1
Clear Interrupt: Calibration. Clears the calibration interrupt.
Reserved
0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79