Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMG49037 Fiches technique(PDF) 59 Page - OSRAM GmbH

No de pièce TMG49037
Description  Gesture, Color and Proximity Sensor Module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG49037 Fiches technique(HTML) 59 Page - OSRAM GmbH

Back Button TMG49037 Datasheet HTML 55Page - OSRAM GmbH TMG49037 Datasheet HTML 56Page - OSRAM GmbH TMG49037 Datasheet HTML 57Page - OSRAM GmbH TMG49037 Datasheet HTML 58Page - OSRAM GmbH TMG49037 Datasheet HTML 59Page - OSRAM GmbH TMG49037 Datasheet HTML 60Page - OSRAM GmbH TMG49037 Datasheet HTML 61Page - OSRAM GmbH TMG49037 Datasheet HTML 62Page - OSRAM GmbH TMG49037 Datasheet HTML 63Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 79 page
background image
Page 58
ams Datasheet
Document Feedback
[v1-01] 2019-Aug-20
TMG49037 − Register Description
Calibration Configuration Register Two
(CALIBCFG2 0xDA)
Figure 65:
Calibration Configuration Register Two
7
6
5
4
3210
DCAVG_
AUTO_GTHR
BINSRCH_TARGET
AUTO_GTHR_IN_MULT
Field
Bits
Description
DCAVG_AUTO_GTHR
7
DC Averaging Automatic Thresholds. When asserted,
GTHR_IN and GTHR_OUT are automatically written with a
multiple of the PBSLN at the end of the calibration routine.
The multiplication factor is set in AUTO_GTHR_IN_MULT.
BINSRCH_TARGET
6:4
Binary Search Target. Sets the ADC target for
proximity/gesture calibration. The default value is 2.
VALUE
SEARCH TARGET
00
11
23
…
663
7127
AUTO_GTHR_IN_MULT
3:0
Automatic Gesture Threshold Multiplier. Sets the
multiplication factor used if the gesture entry and exit
thresholds are automatically calculated as a multiple of
PBSLN. The default value is 0, but the recommended value
is 8 (3x factor).
VALUE
MULTIPLIER
01.00
11.25
21.50
…
14
4.50
15
4.75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79