| Moteur de recherche de fiches techniques de composants électroniques |
|
TMG49037 Fiches technique(PDF) 47 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMG49037 Fiches technique(HTML) 47 Page - OSRAM GmbH |
|
47 / 79 page ![]() Page 46 ams Datasheet Document Feedback [v1-01] 2019-Aug-20 TMG49037 − Register Description Gesture Configuration Register Two (GCFG2 0xB2) Figure 50: Gesture Configuration Register Two 7 6 5 4 3 210 Reserved GEST_FILTER_SIZE GEST_FILTER Reserved Field Bits Description Reserved 7:6 Reserved. GEST_FILTER_SIZE 5 Proximity Filter Size. Determines the number of consecutive gesture samples to average to filter out noise. VALUE FILTER 02 samples 14 samples GEST_FILTER 4 Gesture Filter. If asserted, enables gesture filter functionality. Depending on GEST_FILTER_SIZE, 2 or 4 consecutive gesture samples are averaged. A moving window is used and gesture data is added to the buffer at every cycle. Reserved 3:0 Reserved. |