Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMG49037 Fiches technique(PDF) 51 Page - OSRAM GmbH

No de pièce TMG49037
Description  Gesture, Color and Proximity Sensor Module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG49037 Fiches technique(HTML) 51 Page - OSRAM GmbH

Back Button TMG49037 Datasheet HTML 47Page - OSRAM GmbH TMG49037 Datasheet HTML 48Page - OSRAM GmbH TMG49037 Datasheet HTML 49Page - OSRAM GmbH TMG49037 Datasheet HTML 50Page - OSRAM GmbH TMG49037 Datasheet HTML 51Page - OSRAM GmbH TMG49037 Datasheet HTML 52Page - OSRAM GmbH TMG49037 Datasheet HTML 53Page - OSRAM GmbH TMG49037 Datasheet HTML 54Page - OSRAM GmbH TMG49037 Datasheet HTML 55Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 79 page
background image
Page 50
ams Datasheet
Document Feedback
[v1-01] 2019-Aug-20
TMG49037 − Register Description
Control Register (CONTROL 0xBC)
Figure 57:
Control Register
Auxiliary ID Register (AUXID 0xBD)
Figure 58:
Auxiliary ID Register
76543
2
1
0
Reserved
SAI_ACTIVE_CLEAR
Field
Bits
Description
Reserved
7:1
Reserved.
SAI_ACTIVE_CLEAR
0
Sleep-After-Interrupt Active Clear. If SAI is set and SAI_ACTIVE is true
(an Interrupt has occurred), asserting this pin clears the SAI_ACTIVE flag
and restarts the device oscillator to resume chip operation if functions
are enabled.
7
6
543
2
1
0
Reserved
AUXID
Field
Bits
Description
Reserved
7:4
Reserved.
AUXID
3:0
Auxiliary ID. Value is 0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79