Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMG49037 Fiches technique(PDF) 68 Page - OSRAM GmbH

No de pièce TMG49037
Description  Gesture, Color and Proximity Sensor Module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG49037 Fiches technique(HTML) 68 Page - OSRAM GmbH

Back Button TMG49037 Datasheet HTML 64Page - OSRAM GmbH TMG49037 Datasheet HTML 65Page - OSRAM GmbH TMG49037 Datasheet HTML 66Page - OSRAM GmbH TMG49037 Datasheet HTML 67Page - OSRAM GmbH TMG49037 Datasheet HTML 68Page - OSRAM GmbH TMG49037 Datasheet HTML 69Page - OSRAM GmbH TMG49037 Datasheet HTML 70Page - OSRAM GmbH TMG49037 Datasheet HTML 71Page - OSRAM GmbH TMG49037 Datasheet HTML 72Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 79 page
background image
ams Datasheet
Page 67
[v1-01] 2019-Aug-20
Document Feedback
TMG49037 − Package Drawings & Markings
Figure 73:
TMG49037 Module Dimensions
Note(s):
1. Package type: oLGA8
2. All linear dimensions are in millimeters.
3. Dimension tolerances are ±0.05mm unless otherwise noted.
4. Contacts are copper with NiPdAu plating.
5. This package contains no lead (Pb).
6. This drawing is subject to change without notice.
7. Measurement guarantee by lot acceptance testing using 20 units.
Package Drawings & Markings
Green
RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79