| Moteur de recherche de fiches techniques de composants électroniques |
|
TMG49037 Fiches technique(PDF) 30 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMG49037 Fiches technique(HTML) 30 Page - OSRAM GmbH |
|
30 / 79 page ![]() ams Datasheet Page 29 [v1-01] 2019-Aug-20 Document Feedback TMG49037 − Register Description Proximity Interrupt Threshold Registers (0x88 – 0x8B) The Proximity Interrupt Threshold Registers set the high and low trigger points for the comparison function which generates an interrupt. If PDATA, the value generated by proximity channel, crosses from above to below the lower threshold or from below to above the upper threshold, an interrupt may be signaled to the host processor. Interrupt generation is subject to the value set in persistence filter (PPERS). Figure 32: Proximity Interrupt Threshold Registers Field Register Bits Description PILT 0x88 7:0 Proximity low threshold low byte 0x89 15:8 Proximity low threshold high byte PIHT 0x8A 7:0 Proximity high threshold low byte 0x8B 15:8 Proximity high threshold high byte |