Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMG49037 Fiches technique(PDF) 55 Page - OSRAM GmbH

No de pièce TMG49037
Description  Gesture, Color and Proximity Sensor Module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG49037 Fiches technique(HTML) 55 Page - OSRAM GmbH

Back Button TMG49037 Datasheet HTML 51Page - OSRAM GmbH TMG49037 Datasheet HTML 52Page - OSRAM GmbH TMG49037 Datasheet HTML 53Page - OSRAM GmbH TMG49037 Datasheet HTML 54Page - OSRAM GmbH TMG49037 Datasheet HTML 55Page - OSRAM GmbH TMG49037 Datasheet HTML 56Page - OSRAM GmbH TMG49037 Datasheet HTML 57Page - OSRAM GmbH TMG49037 Datasheet HTML 58Page - OSRAM GmbH TMG49037 Datasheet HTML 59Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 79 page
background image
Page 54
ams Datasheet
Document Feedback
[v1-01] 2019-Aug-20
TMG49037 − Register Description
Calibration Register (CALIB 0xD7)
Figure 62:
Calibration Register
76
5
4
3
2
1
0
Reserved
START_OFFSET_CALIB
Field
Bits
Description
Reserved
7:1
Reserved.
START_OFFSET_
CALIB
0
Start Offset Calibration. Starts the proximity/gesture offset register
calibration routine. Results are stored in the Proximity/Gesture Offset
Registers (0xC0 – 0xC7). The CALIB_FINISHED flag is asserted when
calibration is complete and an interrupt (CINT) is asserted if CIEN is set.
Calibration can be stopped by writing a 0 to this field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79