| Moteur de recherche de fiches techniques de composants électroniques |
|
TMG49037 Fiches technique(PDF) 17 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMG49037 Fiches technique(HTML) 17 Page - OSRAM GmbH |
|
17 / 79 page ![]() Page 16 ams Datasheet Document Feedback [v1-01] 2019-Aug-20 TMG49037 − Typical Operating Characteristics Figure 23: Gesture Differential Note(s): 1. The East-West Response (%) is the same vs Target Angular Direction when the target is rotated from East to West. -50% -40% -30% -20% -10% 0% 10% 20% 30% 40% 50% -50 -40 -30 -20 -10 0 10 20 30 40 50 Target Angular Direction (degrees) Normalized Gesture Differential Rotate target from North to South |