| Moteur de recherche de fiches techniques de composants électroniques |
|
TMF8801 Fiches technique(PDF) 49 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMF8801 Fiches technique(HTML) 49 Page - OSRAM GmbH |
|
49 / 73 page ![]() Document Feedback TMF8801 Register Description Datasheet • PUBLIC DS000648 • v10-00 • 2022-Dec-20 72 │ 48 FACTORY_CALIB_13 Register (Address 0x2D) Figure 86: FACTORY_CALIB_13 Register Addr: 0x2D FACTORY_CALIB_13 Field Name Rst Type Description 7:0 factory_calib_13 0 RW Factory calibration data If algorithm state data is sent to TMF8801 following registers shall be pre-loaded by the host before command=0x02 or 0x0B is executed. Information If only algorithm state data and no calibration data is sent to TMF8801, pre-load algorithm state data starting from address 0x20 instead of 0x2E. STATE_DATA_WR_0 Register (Address 0x2E) Figure 87: STATE_DATA_WR_0 Register Addr: 0x2E STATE_DATA_WR_0 Field Name Rst Type Description 7:0 state_data_wr_0 0 RW Algorithm state data STATE_DATA_WR_1 Register (Address 0x2F) Figure 88: STATE_DATA_WR_1 Register Addr: 0x2F STATE_DATA_WR_1 Field Name Rst Type Description 7:0 state_data_wr_1 0 RW Algorithm state data |