Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMF8801 Fiches technique(PDF) 22 Page - OSRAM GmbH

No de pièce TMF8801
Description  Time-of-Flight Sensor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8801 Fiches technique(HTML) 22 Page - OSRAM GmbH

Back Button TMF8801 Datasheet HTML 18Page - OSRAM GmbH TMF8801 Datasheet HTML 19Page - OSRAM GmbH TMF8801 Datasheet HTML 20Page - OSRAM GmbH TMF8801 Datasheet HTML 21Page - OSRAM GmbH TMF8801 Datasheet HTML 22Page - OSRAM GmbH TMF8801 Datasheet HTML 23Page - OSRAM GmbH TMF8801 Datasheet HTML 24Page - OSRAM GmbH TMF8801 Datasheet HTML 25Page - OSRAM GmbH TMF8801 Datasheet HTML 26Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 73 page
background image
Document Feedback
TMF8801
Register Description
Datasheet
• PUBLIC
DS000648
• v10-00 • 2022-Dec-20
72
│ 21
8
Register Description
8.1
APPID Register (Address 0x00)
Figure 21:
APPID Register
Addr: 0x00
APPID
Field
Name
Rst
Type
Description
7:0
appid
0
RW
Currently running application:
0xC0 App0
– Measurement application running
0x80 bootloader running
8.2
APPREV_MAJOR Register (Address 0x01)
Figure 22:
APPREV_MAJOR Register
Addr: 0x01
APPREV_MAJOR
Field
Name
Rst
Type
Description
7:0
apprevMajor
0
RW
Application major revision
8.3
APPREQID Register (Address 0x02)
Figure 23:
APPREQID Register
Addr : 0x02
APPREQID
Field
Name
Rst
Type
Description
7:0
appReqid
0
RW
Application that shall be started, set this to
0x80
… bootloader
0xC0
…. App0 – measurement application
and wait until register 0x00 (APPID) shows this
as application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73