| Moteur de recherche de fiches techniques de composants électroniques |
|
TMF8801 Fiches technique(PDF) 43 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMF8801 Fiches technique(HTML) 43 Page - OSRAM GmbH |
|
43 / 73 page ![]() Document Feedback TMF8801 Register Description Datasheet • PUBLIC DS000648 • v10-00 • 2022-Dec-20 72 │ 42 REFERENCE_HITS_1 Register (Address 0x34) Figure 66: REFERENCE_HITS_1 Register Addr: 0x34 REFERENCE_HITS_1 Field Name Rst Type Description 7:0 reference_hits[15:8] 0 RO Sum of the reference SPADs hits during the distance measurement; zero if no object is detected or distance algorithm is not used REFERENCE_HITS_2 Register (Address 0x35) Figure 67: REFERENCE_HITS_2 Register Addr: 0x35 REFERENCE_HITS_2 Field Name Rst Type Description 7:0 reference_hits[23:16] 0 RO Sum of the reference SPADs hits during the distance measurement; zero if no object is detected or distance algorithm is not used REFERENCE_HITS_3 Register (Address 0x36) Figure 68: REFERENCE_HITS_3 Register Addr: 0x36 REFERENCE_HITS_3 Field Name Rst Type Description 7:0 reference_hits[31:24] 0 RO Sum of the reference SPADs hits during the distance measurement; zero if no object is detected or distance algorithm is not used |