Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMF8801 Fiches technique(PDF) 46 Page - OSRAM GmbH

No de pièce TMF8801
Description  Time-of-Flight Sensor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8801 Fiches technique(HTML) 46 Page - OSRAM GmbH

Back Button TMF8801 Datasheet HTML 42Page - OSRAM GmbH TMF8801 Datasheet HTML 43Page - OSRAM GmbH TMF8801 Datasheet HTML 44Page - OSRAM GmbH TMF8801 Datasheet HTML 45Page - OSRAM GmbH TMF8801 Datasheet HTML 46Page - OSRAM GmbH TMF8801 Datasheet HTML 47Page - OSRAM GmbH TMF8801 Datasheet HTML 48Page - OSRAM GmbH TMF8801 Datasheet HTML 49Page - OSRAM GmbH TMF8801 Datasheet HTML 50Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 73 page
background image
Document Feedback
TMF8801
Register Description
Datasheet
• PUBLIC
DS000648
• v10-00 • 2022-Dec-20
72
│ 45
Addr: 0x21
FACTORY_CALIB_1
Field
Name
Rst
Type
Description
Bits [11:4] of crosstalk measurement; this is
a summed value
– for crosstalk
specification according to ODG use
xtalk_msb and xtalk_lsb.
FACTORY_CALIB_2 Register (Address 0x22)
Figure 75:
FACTORY_CALIB_2 Register
Addr: 0x22
FACTORY_CALIB_2
Field
Name
Rst
Type
Description
7:0
factory_calib_2
0
RW
Factory calibration data
Bits [19:12] of crosstalk measurement; this
is a summed value
– for crosstalk
specification according to ODG use
xtalk_msb and xtalk_lsb.
FACTORY_CALIB_3 Register (Address 0x23)
Figure 76:
FACTORY_CALIB_3 Register
Addr: 0x23
FACTORY_CALIB_3
Field
Name
Rst
Type
Description
7:0
factory_calib_3
0
RW
Factory calibration data
FACTORY_CALIB_4 Register (Address 0x24)
Figure 77:
FACTORY_CALIB_4 Register
Addr: 0x24
FACTORY_CALIB_4
Field
Name
Rst
Type
Description
7:0
factory_calib_4
0
RW
Factory calibration data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73